| Moteur de recherche de fiches techniques de composants électroniques |
|
AD1985 Fiches technique(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1985 Fiches technique(HTML) 37 Page - Analog Devices |
|
37 / 48 page ![]() AD1985 Rev. A | Page 37 of 48 Jack Sense Mute Select (JSMT [2:0]) REF JS1 JS0 JSMT2 JSMT1 JSMT0 HP OUT LINE OUT C/LFE OUT MONO OUT NOTES 0 OUT (0) OUT (0) 0 0 0 ACTIVE ACTIVE ACTIVE ACTIVE 1 OUT (0) IN (1) 0 0 0 ACTIVE ACTIVE ACTIVE ACTIVE 2 IN (1) OUT (0) 0 0 0 ACTIVE ACTIVE ACTIVE ACTIVE 3 IN (1) IN (1) 0 0 0 ACTIVE ACTIVE ACTIVE ACTIVE JS0 and JS1 Ignored. 4 OUT (0) OUT (0) 0 0 1 ACTIVE FMUTE FMUTE ACTIVE 5 OUT (0) IN (1) 0 0 1 ACTIVE FMUTE FMUTE ACTIVE 6 IN (1) OUT (0) 0 0 1 ACTIVE ACTIVE ACTIVE FMUTE 7 IN (1) IN (1) 0 0 1 ACTIVE ACTIVE ACTIVE FMUTE JS0 No Mute Action, JS1 Mutes Mono and Enables LINE_OUT + C/LFE. Standard 6-Channel Configuration. Swapped HP_OUT and LINE_OUT. 8 OUT (0) OUT (0) 0 1 0 FMUTE ACTIVE FMUTE ACTIVE 9 OUT (0) IN (1) 0 1 0 FMUTE ACTIVE FMUTE ACTIVE 10 IN (1) OUT (0) 0 1 0 ACTIVE ACTIVE ACTIVE FMUTE 11 IN (1) IN (1) 0 1 0 ACTIVE ACTIVE ACTIVE FMUTE JS0 No Mute Action, JS1 Mutes Mono and Enables HP_OUT and C/LFE. Standard 6-Channel Configuration. No Swap. 12 OUT (0) OUT (0) 0 1 1 ** ** ** ** 13 OUT (0) IN (1) 0 1 1 ** ** ** ** 14 IN (1) OUT (0) 0 1 1 ** ** ** ** 15 IN (1) IN (1) 0 1 1 ** ** ** ** ** Reserved. 16 OUT (0) OUT (0) 1 0 0 ACTIVE FMUTE FMUTE ACTIVE 17 OUT (0) IN (1) 1 0 0 ACTIVE ACTIVE ACTIVE FMUTE 18 IN (1) OUT (0) 1 0 0 ACTIVE FMUTE FMUTE FMUTE 19 IN (1) IN (1) 1 0 0 ACTIVE FMUTE FMUTE FMUTE JS0 = 0 and JS1 = 0 Enables Mono. JS1 = 1 Enables Front Only. JS0 = 1 and JS1 = 0 Enables All Rear. 6-Channel Configuration with Front Jack Wrap-Back. 20 OUT (0) OUT (0) 1 0 1 FMUTE FMUTE FMUTE ACTIVE 21 OUT (0) IN (1) 1 0 1 FMUTE FMUTE FMUTE ACTIVE 22 IN (1) OUT (0) 1 0 1 ACTIVE ACTIVE ACTIVE FMUTE 23 IN (1) IN (1) 1 0 1 ACTIVE ACTIVE ACTIVE FMUTE JS0 No Mute Action, JS1 Mutes Mono and Enables LINE_OUT and HP_OUT and C/LFE. Standard 6-Channel Configuration. Swapped HP_OUT and LINE_OUT. 24 OUT (0) OUT (0) 1 1 0 ** ** ** ** 25 OUT (0) IN (1) 1 1 0 ** ** ** ** 26 IN (1) OUT (0) 1 1 0 ** ** ** ** 27 IN (1) IN (1) 1 1 0 ** ** ** ** ** Reserved. 28 OUT (0) OUT (0) 1 1 1 ** ** ** ** 29 OUT (0) IN (1) 1 1 1 ** ** ** ** 30 IN (1) OUT (0) 1 1 1 ** ** ** ** 31 IN (1) IN (1) 1 1 1 ** ** ** ** ** Reserved. FMUTE = Output is forced to mute independent of the respective volume register setting. ACTIVE = Output is not muted and its status is dependent on the respective volume register setting. OUT = Nothing is plugged into the jack, and therefore, the JS status is 0 (via the load resistor pull-down action). IN = Jack has plug inserted, and therefore, the JS status is 1 (via the codec JS pin internal pull-up). Note: MMDIS (Register 0x70, Bit D7) set to 1 will keep mono out enabled for all the settings above. |