| Moteur de recherche de fiches techniques de composants électroniques |
|
DP83858VF Fiches technique(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83858VF Fiches technique(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 37 page ![]() 21 http:\\www.national.com 5.0 DP83858 Applications 5.1 MII Interface Connections The DP83858 can be interfaced with the DP83840A in the same fashion as the DP83850 as described in the Applica- tion Note 1069 "100BASE-TX Unmanaged Repeater Design Recommendations". Designers should be aware that there are significant issues involved in the signal tim- ing, loading and layout of this interface and they should consult this Application Note and/or their National Semi- conductor representative prior to attempting a design. Fur- ther system timing analysis shows that the RXD[3:0], RX_DV and RX_ER signals should be latched into the DP83858 from the connected DP83840As. Figure 5 shows the recommended scheme. This ensures system timing can be met for hub stacks. Figure 5. Recommended DP83840A to DP83858 Connections RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #0 RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #1 RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #7 'ABT541 'ABT541 'ABT541 'ABT174 'F04 DP83858 100RIC8 DQ RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK T T T T T T T T T T = AC Termination - see AN-1069 /MR RXE7 RXE0 P = Pull -Downs, 1.2k ohms P P P P P P P |