Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74FCT240 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CD74FCT240
Description  BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT240 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CD74FCT240_16 Datasheet HTML 4Page - Texas Instruments CD74FCT240_16 Datasheet HTML 5Page - Texas Instruments CD74FCT240_16 Datasheet HTML 6Page - Texas Instruments CD74FCT240_16 Datasheet HTML 7Page - Texas Instruments CD74FCT240_16 Datasheet HTML 8Page - Texas Instruments CD74FCT240_16 Datasheet HTML 9Page - Texas Instruments CD74FCT240_16 Datasheet HTML 10Page - Texas Instruments CD74FCT240_16 Datasheet HTML 11Page - Texas Instruments CD74FCT240_16 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12