| Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVC244 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC244 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 15 page ![]() 2003 Sep 08 4 Philips Semiconductors Product specification Octal buffer/line driver; 3-state 74ALVC244 handbook, halfpage 1OE 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 GND VCC 2OE 1Y0 2A0 2A1 1Y2 1Y1 2A2 1Y3 2A3 1 2 3 4 5 6 7 8 9 10 11 12 20 19 18 17 16 15 14 13 244 MNA162 Fig.1 Pin configuration. handbook, halfpage 1 2 3 4 5 6 7 8 9 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 19 18 17 16 15 14 13 12 2OE 1Y0 2A0 1Y1 2A1 1Y2 2A2 1Y3 20 1OE VCC 10 11 GND Top view 2A3 GND(1) MNA981 Fig.2 Logic symbol. (1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input. handbook, halfpage MNA168 1A3 1A2 1A1 1A0 2 4 6 8 1 1Y0 1Y1 18 16 14 12 1Y2 1Y3 1OE 2A3 2A2 2A1 2A0 17 15 13 11 19 2Y0 2Y1 3 5 7 9 2Y2 2Y3 2OE Fig.3 Logic symbol. handbook, halfpage 12 14 2 4 6 8 18 16 1 EN MNA169 3 5 11 13 15 17 9 7 19 EN Fig.4 IEE/IEC logic symbol. |