Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54LS368AFMQB Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 54LS368AFMQB
Description  Hex TRI-STATE(RM) Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54LS368AFMQB Fiches technique(HTML) 2 Page - Texas Instruments

  54LS368AFMQB Datasheet HTML 1Page - Texas Instruments 54LS368AFMQB Datasheet HTML 2Page - Texas Instruments 54LS368AFMQB Datasheet HTML 3Page - Texas Instruments 54LS368AFMQB Datasheet HTML 4Page - Texas Instruments 54LS368AFMQB Datasheet HTML 5Page - Texas Instruments 54LS368AFMQB Datasheet HTML 6Page - Texas Instruments 54LS368AFMQB Datasheet HTML 7Page - Texas Instruments 54LS368AFMQB Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLF6430
May 1989
54LS368ADM54LS368ADM74LS368A
Hex TRI-STATE
Inverting Buffers
General Description
This device contains six independent gates each of which
performs an inverting buffer function The outputs have the
TRI-STATE feature When enabled the outputs exhibit the
low impedance characteristics of a standard LS output with
additional drive capability to permit the driving of bus lines
without external resistors When disabled both the output
transistors are turned off presenting a high-impedance state
to the bus line Thus the output will act neither as a signifi-
cant load nor as a driver To minimize the possibility that two
outputs will attempt to take a common bus to opposite logic
levels the disable time is shorter than the enable time of the
outputs
Features
Y
Alternate MilitaryAerospace device (54LS368) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6430 – 1
Order Number 54LS368ADMQB 54LS368AFMQB 54LS368ALMQB
DM54LS368AJ DM54LS368AW DM74LS368AM or DM74LS368AN
See NS Package Number E20A J16A M16A N16E or W16A
Function Table
Y e A
Inputs
Output
AG
Y
LL
H
HL
L
X
H
Hi-Z
H e High Logic Level
L e Low Logic Level
X e Either Low or High Logic Level
Hi-Z e TRI-STATE (Outputs are disabled)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8