Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

36MB60A Fiches technique(PDF) 4 Page - International Rectifier

No de pièce 36MB60A
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

36MB60A Fiches technique(HTML) 4 Page - International Rectifier

  36MB60A Datasheet HTML 1Page - International Rectifier 36MB60A Datasheet HTML 2Page - International Rectifier 36MB60A Datasheet HTML 3Page - International Rectifier 36MB60A Datasheet HTML 4Page - International Rectifier 36MB60A Datasheet HTML 5Page - International Rectifier 36MB60A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MB Series
4
Bulletin I2715 rev. I 03/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
Instantaneous Forward Voltage (V)
Maximum Allowable Ambient Te
50
70
90
110
130
150
0
5
10
15
20
25
30
180˚
(Rect)
180˚
(Sine)
26MB..A Series
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
26MB..A Series
Tj = 25˚C
Tj = 150˚C
Number of Equal Amplitude Half Cycle Current Pulses (N)
50
150
250
350
450
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
26MB..A Series
Initial Tj = 150˚C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)
100
150
200
250
300
350
400
1
10
100
26MB..A series
At Any Rated Load Condition And With
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Rated Vrrm Applied Following Surge
Fig. 3 - Total Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
0
5
10
15
20
25
180˚
(Sine)
26MB..A Series
Tj = 150˚C
180˚
(Rect)
0
25
50
75
100
125
150
2 K/W
3 K/W
4 K/W
5 K/W
7 K/W
10 K/W



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com