Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5K2E02 Fiches technique(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM5K2E02
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02 Fiches technique(HTML) 39 Page - Texas Instruments

Back Button AM5K2E02 Datasheet HTML 35Page - Texas Instruments AM5K2E02 Datasheet HTML 36Page - Texas Instruments AM5K2E02 Datasheet HTML 37Page - Texas Instruments AM5K2E02 Datasheet HTML 38Page - Texas Instruments AM5K2E02 Datasheet HTML 39Page - Texas Instruments AM5K2E02 Datasheet HTML 40Page - Texas Instruments AM5K2E02 Datasheet HTML 41Page - Texas Instruments AM5K2E02 Datasheet HTML 42Page - Texas Instruments AM5K2E02 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 252 page
background image
AM5K2E04, AM5K2E02
www.ti.com
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
Table 5-3. Terminal Functions — Power and Ground (continued)
SUPPLY
BALL NO.
VOLTS
DESCRIPTION
VSS
A1, A33, C5, C9, C14, C19, C23, C27, C29, D3, D7, D11, D17,
GND
Ground
D21, D25, D31, F4, F6, F8, F10, F12, F14, F16, F18, F20, F22,
F24, F26, F28, F30, G7, G9, G11, G13, G15, G17, G19, G21,
G23, G25, G27, G29, G31, H8, H10, H12, H14, H16, H18, H20,
H22, H24, H26, H28, J3, J7, J11, J13, J15, J17, J19, J21, J23,
J25, J27, K10, K12, K14, K16, K18, K20, K22, K24, K28, L7,
L9, L11, L13, L15, L17, L19, L21, L23, L25, L27, M1, M8, M10,
M12, M14, M16, M18, M20, M22, M24, M26, M28, N2, N7, N9,
N11, N13, N15, N17, N19, N21, N23, N25, N27, N32, P8, , P10,
P12, P14, P16, P18, P20, P22, P24, P26, P28, R1, R7, R9,
R11, R13, R15, R17, R19, R21, R23, R25, R27, T2, T8, T10,
T12, T14, T16, T18, T20, T22, T24, T26, T28, U3, U7, U9, U11,
U13, U15, U17, U19, U21, U23, U25, U27, U32, V1, V8, V10,
V12, V14, V16, V18, V20, V22, V24, V26, V28, W2, W9, W11,
W13, W15, W17, W19, W21, W23, W25, W27, Y8, Y10, Y12,
Y14, Y16, Y18, Y20, Y22, Y24, Y26, Y28, AA4, AA7, AA9,
AA11, AA13, AA15, AA17, AA19, AA21, AA23, AA25, AA27,
AA32, AB8, AB10, AB12, AB14, AB16, AB18, AB20, AB22,
AB24, AB26, AB28, AC7, AC9, AC11, AC13, AC15, AC17,
AC19, AC21, AC23, AC25, AC27, AD5, AD8, AD10, AD12,
AD14, AD16, AD18, AD20, AD22, AD24, AD26, AD28, AE9,
AE11, AE13, AE15, AE17, AE19, AE21, AE23, AE25, AE27,
AE32, AF8, AF10, AF12, AF14, AF16, AF18, AF20, AF22,
AF24, AF26, AF28, AG7, AG9, AG11, AG13, AG15, AG17,
AG19, AG21, AG23, AG25, AG27, AH8, AH10, AH12, AH14,
AH16, AH18, AH20, AH22, AH24, AH26, AH28, AJ4, AJ6, AJ9,
AJ13, AJ16, AJ19, AJ21, AJ23, AJ29, AK3, AK6, AK9, AK12,
AK15, AK18, AK21, AK24, AK27, AK30, AL4, AL7, AL10, AL13,
AL16, AL19, AL22, AL25, AL28, AL31, AM1, AM3, AM6, AM9,
AM12, AM15, AM18, AM21, AM24, AM27, AM30, AN1, AN2,
AN4, AN7, AN10, AN13, AN16, AN19, AN22, AN25, AN28,
AN31, AN33
VSSCMON
J9
GND
GND Monitor
VSSTMON
K26
GND
GND Monitor
Copyright © 2012–2015, Texas Instruments Incorporated
Terminals
39
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More