| Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT16501ATPVCG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT16501ATPVCG4 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() CY74FCT16501T CY74FCT162501T CY74FCT162H501T 2 Maximum Ratings[6, 7] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .................................... −55°C to +125°C Ambient Temperature with Power Applied .................................................. −55°C to +125°C DC Input Voltage ................................................. −0.5V to +7.0V DC Output Voltage .............................................. −0.5V to +7.0V DC Output Current (Maximum Sink Current/Pin) ........................... −60 to +120 mA Power Dissipation.......................................................... 1.0W Static Discharge Voltage ........................................... >2001V (per MIL-STD-883, Method 3015) Notes: 1. On the 74FCT162H501T these pins have bus hold. 2. A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA. 3. H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care Z = High-impedance = LOW-to-HIGH Transition 4. Output level before the indicated steady-state input conditions were established. 5. Output level before the indicated steady-state input conditions were established, provided that CLKAB was HIGH before LEAB went LOW. 6. Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range. 7. Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground. Pin Description Name Description OEAB A-to-B Output Enable Input OEBA B-to-A Output Enable Input (Active LOW) LEAB A-to-B Latch Enable Input LEBA B-to-A Latch Enable Input CLKAB A-to-B Clock Input CLKBA B-to-A Clock Input A A-to-B Data Inputs or B-to-A Three-State Outputs[1] B B-to-A Data Inputs or A-to-B Three-State Outputs[1] Function Table[2, 3] Inputs Outputs OEAB LEAB CLKAB A B L X X X Z H H X L L H H X H H H L L L H L H H H L L X B[4] H L H X B[5] Operating Range Range Ambient Temperature VCC Industrial −40°C to +85°C 5V ± 10% |