Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP8311 Fiches technique(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP8311
Description  Octal Latched Peripheral Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8311 Fiches technique(HTML) 8 Page - National Semiconductor (TI)

  DP8311 Datasheet HTML 1Page - National Semiconductor (TI) DP8311 Datasheet HTML 2Page - National Semiconductor (TI) DP8311 Datasheet HTML 3Page - National Semiconductor (TI) DP8311 Datasheet HTML 4Page - National Semiconductor (TI) DP8311 Datasheet HTML 5Page - National Semiconductor (TI) DP8311 Datasheet HTML 6Page - National Semiconductor (TI) DP8311 Datasheet HTML 7Page - National Semiconductor (TI) DP8311 Datasheet HTML 8Page - National Semiconductor (TI) DP8311 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Typical Applications DP8310/11 Buffering High Current Device (Notes 5, 6) (Continued)
200 mA Drive for a 4 Phase Bifilar Stepper Motor
DS005246-17
*Parallel only adjacent outputs
Reading the State of the Latched Peripherals
DS005246-18
*High Level Input
Voltage must not
Exceed VCC of the
DM81LS96
Note 5: Always use good VCC bypass and ground techniques to suppress transients caused by peripheral loads.
Note 6: Printed circuit board mounting is required if these devices are operated at maximum rated temperature and current (all outputs on DC).
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9