Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4069UB Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4069UB
Description  CMOS Hex Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4069UB Fiches technique(HTML) 21 Page - Texas Instruments

Back Button CD4069UB Datasheet HTML 17Page - Texas Instruments CD4069UB Datasheet HTML 18Page - Texas Instruments CD4069UB Datasheet HTML 19Page - Texas Instruments CD4069UB Datasheet HTML 20Page - Texas Instruments CD4069UB Datasheet HTML 21Page - Texas Instruments CD4069UB Datasheet HTML 22Page - Texas Instruments CD4069UB Datasheet HTML 23Page - Texas Instruments CD4069UB Datasheet HTML 24Page - Texas Instruments CD4069UB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD4069UBM96
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
CD4069UBM96
SOIC
D
14
2500
330.0
16.8
6.5
9.5
2.3
8.0
16.0
Q1
CD4069UBMT
SOIC
D
14
250
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
CD4069UBNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
CD4069UBPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD4069UBPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Feb-2016
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30