| Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT162H244ETPVC Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
74FCT162H244ETPVC Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 15 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Apr-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 74FCT162244ATPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244A 74FCT162244ATPVCG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244A 74FCT162244ATPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244A 74FCT162244CTPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244C 74FCT162244CTPVCG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244C 74FCT162244CTPVCT ACTIVE SSOP DL 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244C 74FCT162244ETPACT OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 74FCT162244ETPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 74FCT162244TPVCG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244 74FCT16244ATPVCG4 ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244A 74FCT16244TPACTG4 ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT16244 74FCT162H244ATPACT ACTIVE TSSOP DGG 48 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162H244A 74FCT162H244CTPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162H244C 74FCT162H244CTPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 74FCT162H244ETPAC OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 74FCT162H244ETPACT OBSOLETE TSSOP DGG 48 TBD Call TI Call TI -40 to 85 74FCT162H244ETPVC OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 74FCT162H244ETPVCT OBSOLETE SSOP DL 48 TBD Call TI Call TI -40 to 85 CY74FCT162244ATPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244A CY74FCT162244CTPVC ACTIVE SSOP DL 48 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 FCT162244C |