Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2400-RTR1 Fiches technique(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Fiches technique(HTML) 43 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
CC2400
SWRS042A
Page 43 of 83
-100
-80
-60
-40
-20
0
20
40
60
80
100
-500 -450 -400 -350 -300 -250 -200 -150 -100 -50
0
50
100 150 200 250 300 350 400 450 500 550
Frequency offset [kHz]
AFC with settle = 8
AFC with settle = 4
AFC with settle = 2
AFC with settle = 1
Figure 21. AFC value vs. frequency offset
33 Linear IF and AGC Settings
CC2400 is based on a linear IF chain
where the signal amplification is done in
an analog VGA (variable gain amplifier).
The gain of the VGA is controlled by the
digital part of the IF-chain after the ADC
(Analog Digital Converter).
The AGC (Automatic Gain Control) loop
ensures that the ADC operates inside its
dynamic range by using an analog/digital
feedback loop.
The AGC characteristics are set through
the AGCCTRL, AGCTST0, AGCTST1 and
AGCTST2
registers.
Note that the RSSI function does not take
AGC settings into consideration if the AGC
settings are overridden.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84