| Moteur de recherche de fiches techniques de composants électroniques |
|
BQ20Z95DBTRG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ20Z95DBTRG4 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() 1 DSG 2 PACK 3 VCC 4 ZVCHG 5 6 PMS 7 VSS 8 REG33 9 TOUT 10 VCELL+ CHG BAT 37 VC1 18 VC2 17 VC3 16 VC4 15 VC5 14 ASRP 13 ASRN 12 11 GPOD 19 NC PRES TS 2 PFIN SAFE SMBD TS 1 LED4 LED5 GSRP 23 GSRN 24 25 VSS 26 REG25 27 RBI 28 VSS 29 30 31 32 33 34 35 36 38 21 20 22 SMBC DISP VSS 43 39 40 41 42 44 LED1 LED2 LED3 RESET ¯¯¯¯¯¯ ¯¯¯¯¯ MRST ALERT ¯¯¯¯¯¯ ¯¯¯¯ ¯¯¯¯ ¯¯¯¯¯ NC Coloumb Counter HW Over Current & Short Circuit Protection Cell Voltage Multiplexer N-Channel FET Drive Pre Charge FET & PGOD Drive Power Mode Control SMBD DISP VC5 VC4 VC3 VC2 VC1 ¯¯¯¯¯ SMBC ¯¯¯¯¯¯ ¯¯¯¯ Cell Balancing Temperature Measurement LED Display Data Flash Memory SMB 1.1 Impedance Track ™ Gas Gauging SHA-1 Authentication Over- & Under- Voltage Protection Voltage Measurement Over Current Protection Oscillator Charging Algorithm Fuse Blow Detection and Logic Over Temperature Protection Watchdog Regulators RESET ALERT ¯¯¯¯¯¯ REG33 REG25 VCELL+ MSRT RBI System Control AFE HW Control Pack - RSNS 5m – 20m typ. Pack + SMBC SMBD bq20z95 GND VC4 VC3 VC2 VC1 VDD OUT CD bq294xx bq20z95 SLUS757C – JULY 2007 – REVISED OCTOBER 2013 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. SYSTEM PARTITIONING DIAGRAM bq20z95 DBT Package (TOP VIEW) 2 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: bq20z95 |