| Moteur de recherche de fiches techniques de composants électroniques |
|
DP5380 Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP5380 Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 32 page ![]() 10 Functional Description (Continued) The ASI arbitration logic controls arbitration for use of the SCSI bus The mP programs the SCSI device ID into the ASI then sets the ARBITRATE bit The INITIATOR COM- MAND REGISTER (ICR) is read to determine when arbitra- tion has started and whether it is won or lost The BSY signal is continously monitored to detect bus dis- connection and bus free phases The ASI incorporates an on-board oscillator to determine Bus Settle Bus Free and Arbitration Delays The oscillator tolerance guarantees all timing to be within the SCSI specification The ASI incorporates high-current drivers and SCHMITT trigger receivers for interfacing directly to the SCSI bus This feature reduces the chip count of any SCSI application 15 PARITY The ASI provides for parity protection on the SCSI interface The data bus has eight data bits and one parity bit The parity may be enabled via a register bit A parity error can be programmed to cause an interrupt 20 Pin Descriptions Symbol DIP PCC Type Function CS 21 24 I Chip Select an active low enable for read or write operations accessing the register selected by A02 A02 30 32 33 33 36 37 I Address02 these three signals are used with CS RD and WR to address a register for read or write RD 24 27 I Read an active low enable for reading an internal register selected by A02and enabled by CS It also selects the Input Data Register when used with DACK WR 29 32 I Write an active low enable for writing an internal register selected by A02and enabled by CS It also selects the Output Data Register when used with DACK RESET 28 31 I Reset an active low input with a Schmitt trigger Clears all internal registers (SCSI RST unaffected) D07 1 40 – 34 2 44 – 38 I O Data07 bidirectional TRI-STATE signals connecting the active high mP data bus to the internal registers INT 23 26 O Interrupt an active high output to the mP when an error has occurred an event requires service or has completed DRQ 22 25 O DMA Request an active high output asserted when the data register is ready to read or written DRQ occurs only if DMA mode is enabled The signal is cleared by DACK DACK 26 29 I DMA Acknowledge an active low input that resets DRQ and addresses the data registers for input or output transfers DACK is used instead of CS by the DMA controller READY 25 28 O Ready an active high output used to control the speed of block mode DMA transfers Ready goes active when the chip is ready to sendreceive data and remains inactive after the transfer until the byte is sent or until the DMA mode bit is reset EOP 27 30 I End Of Process an active low signal that terminates a block of DMA transfers It should be asserted during the transfer of the last byte DB07 92 10 103 11 I O DB07 DBP SCSI data bus with parity DB7 is the MSB and is the highest priority during arbitration Parity is ODD Parity is always generated and can be optionally DBP checked Parity is not valid during arbitration RST 16 18 IO Reset SCSI reset monitored and can be set by ASI BSY 13 15 IO Busy indicates the SCSI bus is being used Can be driven by TARGET or INITIATOR SEL 12 14 IO Select used by the INITIATOR to select a TARGET or by the TARGET to reselect an INITIATOR ACK 14 16 IO Acknowledge driven by the INITIATOR and received by the TARGET as part of the REQACK handshake ATN 15 17 IO Attention driven by the INITIATOR to indicate an attention condition to the TARGET 4 |