| Moteur de recherche de fiches techniques de composants électroniques |
|
DM54LS260 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS260 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9824 April 1992 DM54LS260DM74LS260 Dual 5-Input NOR Gate General Description This device contains two individual five input gates each of which perform the logic NOR function Connection Diagram Dual-In-Line Package TLF9824 – 1 Order Number DM54LS260J DM54LS260W DN54LS260E DM74LS260M or DM74LS260N See NS Package Number E20A J14A M14A N14A or W14B Truth Table A a B a C a D a E e Y Inputs Outputs AB C D E Y LLLLL H XXXX H L XXX H X L XX H X X L XHX X X L HX X X X L C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - DM54LS260 |
|
Description similaire - DM54LS260 |