| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDZ6.2BT1G Fiches technique(PDF) 1 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LEDZ6.2BT1G Fiches technique(HTML) 1 Page - Leshan Radio Company |
|
1 / 5 page ![]() Zener diode Applications Constant voltage control Features 1) 2-pin ultra mini-mold type for high-density mounting . 2) High reliability. 3) Can be mounted automatically, using chip mounter. Construction Silicon epitaxial planar Absolute maximum ratings Symbol Unit PmW Tj ℃ Tstg ℃ Topr ℃ Parameter Junction temperature Storage temperature Power dissipation Operating temperature -55 to +150 Limits 150 -55 to +150 150 SOD-523 1 2 LEDZ*BT1G SERIES 2 ANODE 1 CATHODE ORDERING INFORMATION Device Package Shipping LEDZ*BT1G SOD-523 3000/Tape&Reel Pb-Free package is available LEDZ*BT3G SOD-523 10000/Tape&Reel Type No. TYPE TYPE NO. TYPE TYPE NO. 62 LEDZ 12BT1G 25 LEDZ 3.9BT1G 72 LEDZ 13BT1G 35 LEDZ 4.3BT1G 82 LEDZ 15BT1G 45 LEDZ 4.7BT1G 92 LEDZ 16BT1G 55 LEDZ 5.1BT1G A2 LEDZ 18BT1G 65 LEDZ 5.6BT1G C2 LEDZ 20BT1G 75 LEDZ 6.2BT1G E2 LEDZ 22BT1G 85 LEDZ 6.8BT1G F2 LEDZ 24BT1G 95 LEDZ 7.5BT1G H2 LEDZ 27BT1G A5 LEDZ 8.2BT1G J2 LEDZ 30BT1G C5 LEDZ 9.1BT1G L2 LEDZ 33BT1G E5 LEDZ 36BT1G F5 LESHAN RADIO COMPANY, LTD. 1/5 LEDZ 3.6BT1G LEDZ 2.4BT1G LEDZ 2.7BT1G LEDZ 10BT1G 05 LEDZ 11BT1G 15 LEDZ 3.0BT1G LEDZ 3.3BT1G 22 32 42 52 |
Numéro de pièce similaire - LEDZ6.2BT1G |
|
Description similaire - LEDZ6.2BT1G |