| Moteur de recherche de fiches techniques de composants électroniques |
|
LEDZ2.4BT1G Fiches technique(PDF) 5 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LEDZ2.4BT1G Fiches technique(HTML) 5 Page - Leshan Radio Company |
|
5 / 5 page ![]() SC-79/SOD-523 LESHAN RADIO COMPANY, LTD. LEDZ2.4BT1G Series NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PRO- TRUSIONS, OR GATE BURRS. DIM MIN NOM MAX MILLIMETERS D 1.10 1.20 1.30 E 0.70 0.80 0.90 A 0.50 0.60 0.70 b 0.25 0.30 0.35 c 0.07 0.14 0.20 L 0.30 REF H 1.50 1.60 1.70 E L2 0.15 0.20 0.25 E D −X− −Y− b 2X M 0.08 X Y A H c 12 SOLDERING FOOTPRINT* E RECOMMENDED TOP VIEW SIDE VIEW 2X 0.48 0.40 2X 1.80 DIMENSION: MILLIMETERS PACKAGE OUTLINE Rev.O 5/5 |