Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1210 Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DAC1210
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1210 Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC1210 Datasheet HTML 6Page - National Semiconductor (TI) DAC1210 Datasheet HTML 7Page - National Semiconductor (TI) DAC1210 Datasheet HTML 8Page - National Semiconductor (TI) DAC1210 Datasheet HTML 9Page - National Semiconductor (TI) DAC1210 Datasheet HTML 10Page - National Semiconductor (TI) DAC1210 Datasheet HTML 11Page - National Semiconductor (TI) DAC1210 Datasheet HTML 12Page - National Semiconductor (TI) DAC1210 Datasheet HTML 13Page - National Semiconductor (TI) DAC1210 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Hints (Continued)
width If this does not provide a sufficient data hold time at
the end of the write cycle a negative edge triggered one-
shot can be included between the system write strobe and
the WR pin of the DAC This is illustrated in
Figure 6 for an
exemplary system which provides a 250 ns WR strobe time
with a data hold time of only 10 ns
The proper data set-up time prior to the latching edge (low
to high transition) of the WR strobe is insured if the WR
pulse width is within spec and the data is valid on the bus for
the duration of the DAC WR strobe
19 Digital Signal Feedthrough
A typical microprocessor is a tremendous potential source
of high frequency noise which can be coupled to sensitive
analog circuitry The fast edges of the data and address bus
signals generate frequency components of 10’s of mega-
hertz and may cause fast transients to appear at the DAC
output even when data is latched internally
In low frequency or DC applications low pass filtering can
reduce the magnitude of any fast transients This is most
easily accomplished by over-compensating the DAC output
amplifier by increasing the value of its feedback capacitor
In applications requiring a fast output response from the
DAC and op amp filtering may not be feasible In this event
digital signals can be completely isolated from the DAC
circuitry by the use of a DM74LS374 latch until a valid
CS signal is applied to update the DAC This is shown in
Figure 7
A single TRI-STATE
data buffer such as the DM81LS95
can be used to isolate any number of DACs in a system
Figure 8 shows this isolating circuitry and decoding hard-
ware for a multiple DAC analog output card Pull-up resis-
tors are used on the buffer outputs to limit the impedance at
the DAC digital inputs when the card is not selected A
unique feature of this card is that the DAC XFER strobes are
controlled by the data bus This allows a very flexible update
of any combination of analog outputs via a transfer word
which would contain a zero in the bit position assigned to
any of the DACs required to change to a new output value
TLH5690-13
FIGURE 7 Isolating Data Bus from DAC Circuitry to Eliminate Digital Noise Coupling
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18