| Moteur de recherche de fiches techniques de composants électroniques |
|
RAC60-12S/OF Fiches technique(PDF) 1 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
RAC60-12S/OF Fiches technique(HTML) 1 Page - Recom International Power |
|
|
1 / 1 page ![]() AC/DC Converter PA-1 REV.: 0/2015 www.recom-international.com Features • AWG18-22 applicable wire • RoHS compliant Connector Set Connector Set OF Compatible with Description The RECOM connector sets contain all necessary connectors and clamps which are needed to connect our power supply series. It´s the ideal supplement to make them a convenient plug-and-play solution. Connector Set for RECOM Power Supply Series Power Input Voltage Output Voltage (W) (VDC) (VDC) RAC48-05S/OF 48 90-264 5 RAC48-12S/OF 48 90-264 12 RAC48-15S/OF 48 90-264 15 RAC48-24S/OF 48 90-264 24 RAC60-05S/OF 60 90-264 5 RAC60-12S/OF 60 90-264 12 RAC60-15S/OF 60 90-264 15 RAC60-24S/OF 60 90-264 24 The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications. |
Numéro de pièce similaire - RAC60-12S/OF |
|
Description similaire - RAC60-12S/OF |