| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4021B Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4021B Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() HCF4021B 2/11 IINPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t Care LOGIC DIAGRAM PIN No SYMBOL NAME AND FUNCTION 7, 6, 5, 4, 13, 14, 15, 1 PI1 to PI8 Parallel Input 11 SERIAL IN Serial Input 9 PARALLEL/ SERIAL CONTROL Parallel/Serial Input Con- trol 10 CLOCK Clock Input 2, 3, 12 Q6, Q7, Q8 Buffered Outputs 8 VSS Negative Supply Voltage 16 VDD Positive Supply Voltage CLOCK SERIAL INPUT PARALLEL/ SERIAL CONTROL PI - 1 PI - n Q1 (INTERNAL) Qn X X 1 0000 X X 1 0101 X X 1 1010 X X 1 1111 00 X X 0 Qn - 1 10 X X 1 Qn - 1 XX XX Q1 Qn |