Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NOSX686M006R0100 Fiches technique(PDF) 2 Page - AVX Corporation

No de pièce NOSX686M006R0100
Description  Niobium Oxide Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

NOSX686M006R0100 Fiches technique(HTML) 2 Page - AVX Corporation

  NOSX686M006R0100 Datasheet HTML 1Page - AVX Corporation NOSX686M006R0100 Datasheet HTML 2Page - AVX Corporation NOSX686M006R0100 Datasheet HTML 3Page - AVX Corporation NOSX686M006R0100 Datasheet HTML 4Page - AVX Corporation NOSX686M006R0100 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
182
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
8V (P)
10
106
A(800,1000,
A(2200)
2000,2200)
B(1000)
15
156
A(1500,2000)
B(600,2000)
B(2000)
22
226
A(900,1900)
B(600,1900)
B(600,1900)
B(700,1800)
C(500)
B(600,1700)
33
336
B(1700)
B(600,1700)
C(500)
C(500)
W(250,500)
B(500,1600)
B(500,800)
47
476
B(500,1600)
C(300,500)
C(300,500)
C(400)
W(150,500)
C(200,500)
C(75,200,500)
68
686
W(150,400)
C(200,500)
X(100,500)
C(500)
Y(100,500)
B(350,1400)
C(70,150,400)
C(150,400)
100
107
W(150,400)
C(150,400)
X(100,400)
D(80,100,400)
D(400)
Y(100,400)
150
157
C(400)
C(65,150,400)
C(90,150,400)
D(50,70,100,400)
X(100,400)
Y(100,400)
Y(100,400)
220
227
C(125,400)
C(80,125,400)
D(40,60,100,400) D(45,60,100,400)
X(100,400)
Y(100,400)
Y(100,400)
E(80,100,400)
D(35,50,100,300)
D(35,55,100,300)
330
337
Y(100,300)
Y(100,300)
E(100)
E(80,100,300)
Y(150,300)
470
477
Y(100,300)
D(35,55,100,300)
D(100,300)
V(75,300)
E(100,300)
E(75,100,300)
680
687
E(60,300)
V(75,300)
1000
108
V(50,300)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com