Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESDA13P70-1U1M Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ESDA13P70-1U1M
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA13P70-1U1M Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ESDA13P70-1U1M Datasheet HTML 2Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 3Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 4Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 5Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 6Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 7Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 8Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 9Page - STMicroelectronics ESDA13P70-1U1M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID028170 Rev 1
9/10
ESDA13P70-1U1M
Ordering information
10
4
Ordering information
Figure 18. Ordering information scheme
5
Revision history
Table 4. Ordering information
Order code
Marking
Weight
Base qty
Delivery mode
ESDA13P70-1U1M
G(1)
1. The marking can be rotated by multiples of 90° to differentiate assembly location
2.4 mg
8000
Tape and reel
Table 5. Document revision history
Date
Revision
Changes
03-Nov-2015
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10