| Moteur de recherche de fiches techniques de composants électroniques |
|
7417 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
7417 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6505 June 1989 DM5417DM7417 Hex Buffers with High Voltage Open-Collector Outputs General Description This device contains six independent gates each of which performs a buffer function The open-collector outputs re- quire external pull-up resistors for proper logical operation Pull-Up Resistor Equations RMAX e VO (Min) b VOH N1 (IOH) a N2 (IIH) RMIN e VO (Max) b VOL IOL b N3 (IIL) Where N1 (IOH) e total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) e total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) e total maximum input low current for all inputs tied to pull-up resistor Connection Diagram Dual-In-Line Package TLF6505 – 1 Order Number DM5417J DM5417W or DM7417N See NS Package Number J14A N14A or W14B Function Table Y e A Input Output AY LL HH H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 7417 |
|
Description similaire - 7417 |