| Moteur de recherche de fiches techniques de composants électroniques |
|
DM54367 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54367 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6572 June 1989 DM54367 Hex TRI-STATE Buffers General Description This device contains six independent gates each of which performs a non-inverting buffer function The outputs have the TRI-STATE feature When enabled the outputs exhibit the low impedance characteristics of a standard TTL output with additional drive capability to permit the driving of bus lines without external resistors When disabled both the output transistors are turned off presenting a high-imped- ance state to the bus line Thus the output will act neither as a signficant load nor as a driver To minimize the possibility that two outputs will attempt to take a common bus to oppo- site logic levels the disable time is shorter than the enable time of the outputs Connection Diagram Dual-In-Line Package TLF6572 – 1 Order Number DM54367J or DM54367W See NS Package Number J16A or W16A Function Table Y e A Input Output G AY LL L LH H H X Hi-Z H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level Hi-Z e TRI-STATE (Outputs are disabled) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM54367 |
|
Description similaire - DM54367 |