Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC541D Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74ALVC541D
Description  Octal buffer/line driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC541D Fiches technique(HTML) 3 Page - NXP Semiconductors

  74ALVC541D Datasheet HTML 1Page - NXP Semiconductors 74ALVC541D Datasheet HTML 2Page - NXP Semiconductors 74ALVC541D Datasheet HTML 3Page - NXP Semiconductors 74ALVC541D Datasheet HTML 4Page - NXP Semiconductors 74ALVC541D Datasheet HTML 5Page - NXP Semiconductors 74ALVC541D Datasheet HTML 6Page - NXP Semiconductors 74ALVC541D Datasheet HTML 7Page - NXP Semiconductors 74ALVC541D Datasheet HTML 8Page - NXP Semiconductors 74ALVC541D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 Feb 26
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC541
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
PINNING
TYPE NUMBER
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74ALVC541D
20
SO
plastic
SOT163-1
74ALVC541PW
20
TSSOP
plastic
SOT360-1
INPUT
OUTPUT
OE0
OE1
An
Yn
LLLL
LL
H
H
XHX
Z
HX
X
Z
PIN
SYMBOL
DESCRIPTION
1, 19
OE0, OE1
output enable input (active LOW)
2, 3, 4, 5, 6, 7, 8, 9
A0 to A7
data input
10
GND
ground (0 V)
11, 12, 13, 14, 15, 16, 17, 18
Y7 to Y0
bus output
20
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16