| Moteur de recherche de fiches techniques de composants électroniques |
|
7109DG/TRW/SPECLABEL Fiches technique(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
7109DG/TRW/SPECLABEL Fiches technique(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation |
|
1 / 2 page ![]() Aavid Thermalloy PCN017602 Product Change Notification PCN Publish Date: August 23, 2005 PCN #: PCN017602 Change Title: Product process change. Products Affected: See Appendix A Description of the Change: : In an effort to make our product line more compatible with regulatory and environmental guidelines, we are changing the volume manufacturing process for the above products to make them RoHS compliant with Aavid Thermalloy specification RoHS 9000. (Available at http://www.aavidthermalloy.com/RoHS.shtml ). The former versions of these products were plated with a solderable tin-lead finish. The finish will be changed to 100% matte tin per ASTM B545 with a nickel under plate barrier of 1.9 to 3.8 um. The base material, dimensions and thermal performance of these products remain unchanged. Product built using the new process is identified with a “G” suffix at the end of the part number as shown in Appendix A. Scheduling of Change: Sample Date: Samples are available now for customer testing Volume Production: Volume production availability will be October 1 2005 New orders should be placed for the “G” suffix product. Please adjust your current orders so that they can be filled accordingly depending upon stock and availability. EOL of unchanged Product: Once the manufacturing process has been changed to the RoHS compliant process, it may still be possible to manufacture products with Sn/Pb process; however product manufactured with the Pb process require a pricing adjustment due to cost increases associated with material and lower volume manufacture. Customer Impact: All matte tin products are backward compatible with Sn/Pb solder processes. Qualification Results: For an Aavid Thermalloy solderability qualification report visit our RoHS website. http://www.aavidthermalloy.com/RoHS.shtml Aavid Thermalloy 80 Commercial St. Concord, NH 03301 |
Numéro de pièce similaire - 7109DG/TRW/SPECLABEL |
|
Description similaire - 7109DG/TRW/SPECLABEL |