Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C2811PBKA Fiches technique(PDF) 55 Page - Texas Instruments

No de pièce TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Fiches technique(HTML) 55 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 51Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 52Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 53Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 54Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 55Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 56Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 57Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 58Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 147 page
background image
Peripherals
55
June 2004
SPRS257
McBSP Receive
Interrupt Select Logic
DX
DR
Expand Logic
DRR1 Receive Buffer
RX FIFO
Interrupt
DRR2 Receive Buffer
RX FIFO Registers
RBR1 Register
RBR2 Register
McBSP Registers
and Control Logic
CLKX
FSX
CLKR
FSR
16
Compand Logic
DXR2 Transmit Buffer
RSR1
XSR2
XSR1
Peripheral Read Bus
16
16
16
16
16
RSR2
DXR1 Transmit Buffer
16
LSPCLK
MRINT
To CPU
McBSP
RX Interrupt Logic
RX FIFO _15
—
RX FIFO _1
RX FIFO _0
RX FIFO _15
—
RX FIFO _1
RX FIFO _0
McBSP Transmit
Interrupt Select Logic
TX FIFO
Interrupt
TX FIFO Registers
MXINT
To CPU
TX Interrupt Logic
16
16
16
TX FIFO _15
—
TX FIFO _1
TX FIFO _0
TX FIFO _15
—
TX FIFO _1
TX FIFO _0
Peripheral Write Bus
Figure 4−3. Event Manager A Functional Block Diagram (See Note A)
4.2.1
General-Purpose (GP) Timers
There are two GP timers. The GP timer x (x = 1 or 2 for EVA; x = 3 or 4 for EVB) includes:
•
A 16-bit timer, up-/down-counter, TxCNT, for reads or writes
•
A 16-bit timer-compare register, TxCMPR (double-buffered with shadow register), for reads or writes
•
A 16-bit timer-period register, TxPR (double-buffered with shadow register), for reads or writes
•
A 16-bit timer-control register,TxCON, for reads or writes
•
Selectable internal or external input clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More