| Moteur de recherche de fiches techniques de composants électroniques |
|
DM5414 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM5414 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6503 June 1989 DM5414DM7414 Hex Inverter with Schmitt Trigger Inputs General Description This device contains six independent gates each of which performs the logic INVERT function Each input has hyster- esis which increases the noise immunity and transforms a slowly changing input signal to a fast changing jitter free output Connection Diagram Dual-In-Line Package TLF6503 – 1 Order Number DM5414J DM5414W or DM7414N See NS Package Number J14A N14A or W14B Function Table Y e A Input Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM5414 |
|
Description similaire - DM5414 |