| Moteur de recherche de fiches techniques de composants électroniques |
|
DM74LS352 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS352 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6425 June 1989 54LS352DM74LS352 Dual 4-Line to 1-Line Data SelectorsMultiplexers General Description Each of these data selectorsmultiplexers contains invert- ers and drivers to supply fully complementary on-chip bi- nary decoding data selection to the AND-OR-invert gates Separate strobe inputs are provided for each of the two four-line sections Features Y Inverting version of DM5474LS153 Y Permits multiplexing from N lines to 1 line Y Performs parallel-to-serial conversion Y Strobe (enable) line provided for cascading (N lines to n lines) Y High fan-out low-impedance totem-pole outputs Y Typical average propagation delay times From data 15 ns From strobe 19 ns From select 22 ns Y Typical power dissipation 31 mW Connection Diagram Dual-In-Line Package TLF6425 – 1 Order Number 54LS352DMQB 54LS352FMQB DM74LS352M or DM74LS352N See NS Package Number J16A M16A N16E or W16A Function Table Select Data Inputs Strobe Output Inputs B A C0 C1 C2 C3 G Y X X XXXX H H LL L X X X L H LL H X X X L L LH X L X X L H LH X H X X L L HL X X L X L H HL X X H X L L HH X X X L L H HH X X X H L L Select inputs A and B are common to both sections H e High Level L e Low Level X e Don’t Care C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM74LS352 |
|
Description similaire - DM74LS352 |