| Moteur de recherche de fiches techniques de composants électroniques |
|
DM5406 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM5406 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6496 June 1989 DM5406DM7406 Hex Inverting Buffers with High Voltage Open-Collector Outputs General Description This device contains six independent buffers each of which performs the logic INVERT function The open-collector out- puts require external pull-up resistors for proper logical op- eration Pull-Up Resistor Equations RMAX e VO (Min) b VOH N1 (IOH) a N2 (IIH) RMIN e VO (Max) b VOL IOL b N3 (IIL) Where N1 (IOH) e total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) e total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) e total maximum input low current for all inputs tied to pull-up resistor Connection Diagram Dual-In-Line Package TLF6496 – 1 Order Number DM5406J DM5406W DM7406M or DM7406N See NS Package Number J14A M14A N14A or W14B Function Table Y e A Input Output AY LH HL H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM5406 |
|
Description similaire - DM5406 |