Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM78P447SBWM Fiches technique(PDF) 3 Page - ELAN Microelectronics Corp

No de pièce EM78P447SBWM
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SBWM Fiches technique(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P447SBWM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SBWM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
EM78P447S
OTP ROM
1. GENERAL DESCRIPTION
EM78P447S is an 8-bit microprocessor with low-power and high-speed CMOS technology. It is equipped
with 4K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides a
PROTECTION bit to prevent user’s code in the OTP memory from being intruded. Seven OPTION bits are
also available to meet user’s requirements.
With its OTP-ROM feature, the EM78P447S is able to offer a convenient way of developing and verifying
user’s programs. Moreover, user can take advantage of ELAN Writer to easily program his development
code.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55