Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM78P447SB Fiches technique(PDF) 45 Page - ELAN Microelectronics Corp

No de pièce EM78P447SB
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SB Fiches technique(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P447SB Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
EM78P447S
OTP ROM
Two conditions exist with the standby current ISB1 and ISB2. these conditions are as follow:
ISB1:VDD=5V, WDT disable
ISB2:VDD=5V, WDT enable
Typical ISB1 and ISB2 vs. Temperature
0
3
6
9
12
0
10
20304050
6070
Temperature (℃)
Typ ISB2
Typ ISB1
Fig. 31 Typical Standby Current(ISB1 and ISB2) vs. Temperature
Maximum ISB1 and ISB2 vs. Temperature
0
3
6
9
12
15
0
10
20304050
6070
Temperature (℃)
Max ISB2
Max ISB1
Fig. 32 Maximum Standby Current(ISB1 and ISB2) vs. Temperature
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55