| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P447SA Fiches technique(PDF) 45 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P447SA Fiches technique(HTML) 45 Page - ELAN Microelectronics Corp |
|
45 / 55 page ![]() EM78P447S OTP ROM Two conditions exist with the standby current ISB1 and ISB2. these conditions are as follow: ISB1:VDD=5V, WDT disable ISB2:VDD=5V, WDT enable Typical ISB1 and ISB2 vs. Temperature 0 3 6 9 12 0 10 20304050 6070 Temperature (℃) Typ ISB2 Typ ISB1 Fig. 31 Typical Standby Current(ISB1 and ISB2) vs. Temperature Maximum ISB1 and ISB2 vs. Temperature 0 3 6 9 12 15 0 10 20304050 6070 Temperature (℃) Max ISB2 Max ISB1 Fig. 32 Maximum Standby Current(ISB1 and ISB2) vs. Temperature This specification is subject to change without prior notice. 06.25.2003 (V1.1) 45 |