Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM78P447 Fiches technique(PDF) 49 Page - ELAN Microelectronics Corp

No de pièce EM78P447
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447 Fiches technique(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P447 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P447 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
EM78P447S
OTP ROM
APPENDIX
Package Types:
OTP MCU
Package Type
Pin Count
Package Size
EM78P447SAP
DIP
28
600 mil
EM78P447SAM
SOP
28
300 mil
EM78P447SAS
SSOP
28
209 mil
EM78P447SBP
DIP
32
600 mil
EM78P447SBWM
SOP
32
450 mil
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55