Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2039-110-SM-RPLF Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce 2039-110-SM-RPLF
Description  Precision, Fast Responding, High Voltage Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2039-110-SM-RPLF Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  2039-110-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2039-110-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2039-xxx-SM Precision, Fast Responding, High Voltage Gas Discharge Tube
Product Dimensions
How to Order
2039 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging Options
Blank = Bulk Packaging (Standard)
RP = Reelpack (Optional)
RP3 = Reelpack (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
The Model 2039-xxx-SM ships standard bulk pack,
100 pieces per bag.
-RP
The optional reelpack (-RP) contains 1,500 pieces per reel.
Reel is 13 inches in diameter and 3/4 inch wide.
REV. F 04/11
4.4
(.173)
4.8
(.190)
DIA.
5.0
(.198)
4.0
(.156)
1.3
(.050)
5.1
(.200)
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
-RP3
The optional -RP3 reelpack contains 1,000 pieces per reel.
Reel is 13 inches in diameter and 11/16 inch wide.
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2