| Moteur de recherche de fiches techniques de composants électroniques |
|
COP8SCR9KMT7 Fiches technique(PDF) 28 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SCR9KMT7 Fiches technique(HTML) 28 Page - National Semiconductor (TI) |
|
28 / 80 page ![]() 11.0 In-System Programming (Continued) 11.3.2 ISP Read Data Register The Read Data Register (ISPRD) contains the value read back from a read operation. This register can be accessed from either flash program memory or Boot ROM. This regis- ter is undefined on Reset. TABLE 6. ISP Read Data Register ISPRD Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 11.3.3 ISP Write Data Register The Write Data Register (ISPWR) contains the data to be written into the specified address. This register is undeter- mined on Reset. This register can be accessed from either flash program memory or Boot ROM. The Write Data register must be maintained for the entire duration of the operation. TABLE 7. ISP Write Data Register ISPWR Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 11.3.4 ISP Write Timing Register The Write Timing Register (PGMTIM) is used to control the width of the timing pulses for write and erase operations. The value to be written into this register is dependent on the frequency of CKI and is shown in Table 8. This register must be written before any write or erase operation can take place. It only needs to be loaded once, for each value of CKI frequency. This register can be loaded from either flash program memory or Boot ROM and must be maintained for the entire duration of the operation. The MICROWIRE/PLUS ISP routine that is resident in the boot ROM requires that this Register be defined prior to any access to the Flash memory. Refer to 11.7 MICROWIRE/PLUS ISP for more information on available ISP commands. On Reset, the PGMTIM regis- ter is loaded with the value that corresponds to 10 MHz frequency for CKI. TABLE 8. PGMTIM Register Format PGMTIM Register Bit CKI Frequency Range 76543210 00000001 25 kHz–33.3 kHz 00000010 37.5 kHz–50 kHz 00000011 50 kHz–66.67 kHz 00000100 62.5 kHz–83.3 kHz 00000101 75 kHz–100 kHz 00000111 100 kHz–133 kHz 00001000 112.5 kHz–150 kHz 00001011 150 kHz–200 kHz 00001111 200 kHz–266.67 kHz 00010001 225 kHz–300 kHz 00010111 300 kHz–400 kHz 00011101 375 kHz–500 kHz 00100111 500 kHz–666.67 kHz 00101111 600 kHz–800 kHz 00111111 800 kHz–1.067 MHz 01000111 1 MHz–1.33 MHz 01001000 1.125 MHz–1.5 MHz 01001011 1.5 MHz–2 MHz 01001111 2 MHz–2.67 MHz 01010100 2.625 MHz–3.5 MHz 01011011 3.5 MHz–4.67 MHz 01100011 4.5 MHz–6 MHz 01101111 6 MHz–8 MHz 01111011 7.5 MHz–10 MHz R R/W R/W R/W R/W R/W R/W R/W www.national.com 28 |