Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC0802LCM Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DAC0802LCM
Description  8-Bit Digital-to-Analog Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0802LCM Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  DAC0802LCM Datasheet HTML 1Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 2Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 3Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 4Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 5Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 6Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 7Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 8Page - National Semiconductor (TI) DAC0802LCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Block Diagram (Note 5)
Typical Performance Characteristics
DS005686-2
Full Scale Current
vs Reference Current
DS005686-22
LSB Propagation Delay vs I
FS
DS005686-23
Reference Input
Frequency Response
DS005686-24
Curve 1: CC=15 pF, VIN=2 Vp-p centered at 1V.
Curve 2: CC=15 pF, VIN=50 mVp-p centered at
200 mV.
Curve 3: CC=0pF, VIN=100 mVp-p centered at
0V and applied through 50
Ω connected to pin
14.2V applied to R14.
Reference Amp
Common-Mode Range
DS005686-25
Note. Positive common-mode range is always
(V+) − 1.5V.
Logic Input Current
vs Input Voltage
DS005686-26
V
TH —VLC vs Temperature
DS005686-27
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11