| Moteur de recherche de fiches techniques de composants électroniques |
|
STV0674 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0674 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() 33/35 STV0674 Evaluation Kit and Reference Design Manuals 6 Evaluation Kit and Reference Design Manuals 6.1 Evaluation kit STMicroelectronics recommends the use of their evaluation kit (EVK) for initial evaluation and design-in. The kit contains all the hardware functionality required to implement a webcam, dual mode and tri mode camera and is populated with SDRAM, NAND FLASH as well as a Smartmedia connector. The EVK content is the following: q STV0674 Evaluation board with both CIF and VGA sensor plug-in q USB cable q PC software q User manual 6.2 Reference design manuals The STMicroelectronics STV0674 reference design manuals include complete schematics, BOM and design recommendations. For products based on the STV0674, STMicroelectronics recommends that all designers refer to the reference design manuals before starting a new design. Please contact STMicroelectronics for more details. |