Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-RX185/72 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce MF-RX185/72
Description  PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX185/72 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  MF-RX185/72 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX185/72 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX185/72 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX185/72 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RX185/72 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MF-RX/72 SERIES, REV. K, 10/15
Typical Time to Trip at 23 ˚C
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-RX/72 Series - PTC Resettable Fuses
100
10
1
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
0.01
0.001
1
10
100
0.1
1
10
100
1000
Fault Current (Amps)
The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer applications
may differ from these values due to the influence of other variables.
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-RX020/72
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
MF-RX025/72
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
MF-RX030/72
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
MF-RX040/72
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
MF-RX050/72
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
MF-RX065/72
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
MF-RX075/72
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
MF-RX090/72
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
MF-RX110/72
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
MF-RX135/72
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
MF-RX160/72
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
MF-RX185/72
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
MF-RX250/72
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
MF-RX300/72
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
MF-RX375/72
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50



Html Pages

1 2 3 4 5