Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM453232-R39KL Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce CM453232-R39KL
Description  SMT Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R39KL Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  CM453232-R39KL Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R39KL Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R39KL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CM45SeriesSMTChipInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
REV. 03/16
RoHS Compliant
1812 Size
Inductance
Std.
Std. Tol.
1/2
1/2 Tol.
QTest Freq.
SRF min.
RDC
IDC
Part Number
HTolerance
Code
Tolerance Code
min.
MHz
MHz
ohm max mA max
CM453232-R10<1>L
0.10
±20 %M
±10 %K
35
25.2
3000.18800
CM453232-R12<1>L
0.12
±20 %M
±10 %K
35
25.2
280
0.2
770
CM453232-R15<1>L
0.15
±20 %M
±10 %K
35
25.2
2500.22730
CM453232-R18<1>L
0.18
±20 %M
±10 %K
35
25.2
2200.24700
CM453232-R22<1>L
0.22
±20 %M
±10 %K
40
25.2
2000.25665
CM453232-R27<1>L
0.27
±20 %M
±10 %K
40
25.2
1800.26635
CM453232-R33<1>L
0.33
±20 %M
±10 %K
40
25.2
1650.28605
CM453232-R39<1>L
0.39
±20 %M
±10 %K
40
25.2
1500.30575
CM453232-R47<1>L
0.47
±20 %M
±10 %K
40
25.2
1450.32545
CM453232-R56<1>L
0.56
±20 %M
±10 %K
40
25.2
1400.36520
CM453232-R68<1>L
0.68
±20 %M
±10 %K
40
25.2
1350.40500
CM453232-R82<1>L
0.82
±20 %M
±10 %K
40
25.2
1300.45475
CM453232-1R0<1>L
1.0
±10 %K
±5 %J
50
7.96
100
0.50
450
CM453232-1R2<1>L
1.2
±10 %K
±5 %J
50
7.96
80
0.55
430
CM453232-1R5<1>L
1.5
±10 %K
±5 %J
50
7.96
70
0.60
410
CM453232-1R8<1>L
1.8
±10 %K
±5 %J
50
7.96
60
0.65
390
CM453232-2R2<1>L
2.2
±10 %K
±5 %J
50
7.96
55
0.70
380
CM453232-2R7<1>L
2.7
±10 %K
±5 %J
50
7.96
50
0.75
370
CM453232-3R3<1>L
3.3
±10 %K
±5 %J
50
7.96
45
0.80
355
CM453232-3R9<1>L
3.9
±10 %K
±5 %J
50
7.96
40
0.90
330
CM453232-4R7<1>L
4.7
±10 %K
±5 %J
50
7.96
35
1.00
315
CM453232-5R6<1>L
5.6
±10 %K
±5 %J
50
7.96
33
1.10
300
CM453232-6R8<1>L
6.8
±10 %K
±5 %J
50
7.96
27
1.2285
CM453232-8R2<1>L
8.2
±10 %K
±5 %J
50
7.96
25
1.4270
CM453232-100<1>L
10
±10 %K
±5 %J
50
2.52
20
1.6
250
CM453232-120<1>L
12
±10 %K
±5 %J
50
2.52
18
2225
CM453232-150<1>L
15
±10 %K
±5 %J
50
2.52
17
2.5
200
CM453232-180<1>L
18
±10 %K
±5 %J
50
2.52
15
2.8
190
CM453232-220<1>L
22
±10 %K
±5 %J
50
2.52
13
3.2
180
CM453232-270<1>L
27
±10 %K
±5 %J
50
2.52
12
3.6
170
CM453232-330<1>L
33
±10 %K
±5 %J
50
2.52
11
4160
CM453232-390<1>L
39
±10 %K
±5 %J
50
2.52
10
4.5
150
CM453232-470<1>L
47
±10 %K
±5 %J
50
2.52
10
5140
CM453232-560<1>L
56
±10 %K
±5 %J
50
2.52
9
5.5
135
CM453232-680<1>L
68
±10 %K
±5 %J
50
2.52
96
130
CM453232-820<1>L
82
±10 %K
±5 %J
50
2.52
87
120
CM453232-101<1>L
100
±10 %K
±5 %J
40
2.52
88
110
CM453232-121<1>L
120
±10 %K
±5 %J
40
0.7966
8110
CM453232-151<1>L
150
±10 %K
±5 %J
40
0.7965
9105
CM453232-181<1>L
180
±10 %K
±5 %J
40
0.7965
9.5
102
CM453232-221<1>L
220
±10 %K
±5 %J
40
0.7964
10
100
CM453232-271<1>L
270
±10 %K
±5 %J
40
0.7964
12
92
CM453232-331<1>L
330
±10 %K
±5 %J
40
0.7963.5
14
85
CM453232-391<1>L
390
±10 %K
±5 %J
40
0.7963
18
80
CM453232-471<1>L
470
±10 %K
±5 %J
40
0.7963
26
62
CM453232-561<1>L
560
±10 %K
±5 %J
30
0.7963
30
50
CM453232-681<1>L
680
±10 %K
±5 %J
30
0.7963
30
50
CM453232-821<1>L
820
±10 %K
±5 %J
30
0.7962.5
35
30
CM453232-102<1>L
1000
±10 %K
±5 %J
30
0.2522.5
40
30
<1> Enter tolerance code from standard or 1/2 tolerance column. Example: CM453232-1R2KL is standard tolerance; CM453232-1R2JL is 1/2 tolerance.



Html Pages

1 2 3