| Moteur de recherche de fiches techniques de composants électroniques |
|
COP8FGR7 Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8FGR7 Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 59 page ![]() Connection Diagrams (Continued) Pinouts for 28 -, 40- and 44-Pin Packages Port Type Alt. Fun 28-Pin SO 40-Pin DIP 44-Pin PLCC 44-Pin PQFP L0 I/O MIWU 11 17 17 11 L1 I/O MIWU or CKX 12 18 18 12 L2 I/O MIWU or TDX 13 19 19 13 L3 I/O MIWU or RDX 14 20 20 14 L4 I/O MIWU or T2A 15 21 25 19 L5 I/O MIWU or T2B 16 22 26 20 L6 I/O MIWU or T3A 17 23 27 21 L7 I/O MIWU or T3B 18 24 28 22 G0 I/O INT 25 35 39 33 G1 I/O WDOUT* 26 36 40 34 G2 I/O T1B 27 37 41 35 G3 I/O T1A 28 38 42 36 G4 I/O SO 1 3 3 41 G5 I/O SK 2 4 4 42 G6 I SI 3 5 5 43 G7 I CKO 4 6 6 44 D0 O 19 25 29 23 D1 O 20 26 30 24 D2 O 21 27 31 25 D3 O 22 28 32 26 D4 O 29 33 27 D5 O 30 34 28 D6 O 31 35 29 D7 O 32 36 30 F0 I/O 7 9 9 3 F1 I/O COMP1IN− 8 10 10 4 F2 I/O COMP1IN+ 9 11 11 5 F3 I/O COMP1OUT 10 12 12 6 F4 I/O COMP2IN− 13 13 7 F5 I/O COMP2IN+ 14 14 8 F6 I/O COMP2OUT 15 15 9 F7 I/O 16 16 10 C0 I/O 39 43 37 C1 I/O 40 44 38 C2 I/O 1 1 39 C3 I/O 2 2 40 C4 I/O 21 15 C5 I/O 22 16 C6 I/O 23 17 C7 I/O 24 18 V CC 68 8 2 GND 23 33 37 31 CKI I 5 7 7 1 RESET I24 34 38 32 * G1 operation as WDOUT is controlled by ECON bit 2. www.national.com 5 |