| Moteur de recherche de fiches techniques de composants électroniques |
|
PS324EUAX Fiches technique(PDF) 4 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PS324EUAX Fiches technique(HTML) 4 Page - Pericom Semiconductor Corporation |
|
4 / 10 page ![]() 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 4 PS8188C 10/24/02 PS323/PS324/PS325 Precision, Single Supply SPST Analog Switches Electrical Specifications - Single +3.3V Supply (V+=3.3V±10%, GND=0V,VINH=2.4V,VINL=0.8V) r e t e m a r a Pl o b m y Ss n o i t i d n o C) C ° ( p m e Tn i M ) 1 ( p y T ) 2 ( x a M ) 1 ( s t i n U h c t i w S g o l a n A S g o l a n Al a n g ie g n a R ) 3 ( V G O L A N A 0+ VV e c n a t s i s e R - n OR N O , V 3 = + V I M O C , A m 1 = V O N V r o C N V 5 . 1 = 5 20 40 7m h o ll u F0 50 8 c i m a n y D e m i T n O - n r u T ) 3 ( t N O VNO r oVNC 2 e r u g i F , V 5 . 1 = 5 20 55 2 1 s n ll u F0 0 10 5 2 e m i T f f O - n r u T ) 3 ( t F F O 5 20 35 7 ll u F0 60 5 1 y a l e D e m i T e k a M - e r o f e B - k a e r B ) 3 ( tD y l n o 5 2 3 S P5 22 5 n o it c e j n I e g r a h C ) 3 ( Q CL V , F n 1 = N E G , V 0 = R N E G = 0m h o4 e r u g i F , 5 21 5 C p y l p p u S t n e r r u C y l p p u S e v it i s o P+ IV , V 6 . 3 = + V N I , + V r o V 0 = f f o r o n o s l e n n a h c ll a ll u F1 –1 0 . 01 A µ Electrical Specifications - Single +12V Supply (V+=12V±10%, GND=0V,VINH=4V,VINL=0.8V) r e t e m a r a Pl o b m y Ss n o i t i d n o C) C ° ( p m e Tn i M ) 1 ( p y T ) 2 ( x a M ) 1 ( s t i n U h c t i w S g o l a n A S g o l a n Al a n g ie g n a R ) 3 ( V G O L A N A 0+ VV e c n a t s i s e R - n OR N O V 8 . 0 1 = + V I M O C , A m 1 = V O N V r o C N V 0 1 = 5 25 15 2m h o ll u F0 20 4 c i m a n y D e m i T n O - n r u T ) 3 ( t N O VNO r oVNC 2 e r u g i F , V 5 . 1 = 5 25 20 5 s n ll u F0 50 0 1 e m i T f f O - n r u T ) 3 ( t F F O 5 20 20 4 ll u F0 45 7 y a l e D e m i T e k a M - e r o f e B - k a e r B ) 3 ( tD y l n o 5 2 3 S P5 22 5 n o i t c e j n I e g r a h C ) 3 ( Q CL V , F n 1 = N E G , V 0 = R N E G = 0m h o4 e r u g i F , 5 21 5 C p y l p p u S t n e r r u C y l p p u S e v i ti s o P+ IV , V 3 1 = + V N I , + V r o V 0 = f f o r o n o s l e n n a h c ll a ll u F1 –1 0 . 01 A µ |