| Moteur de recherche de fiches techniques de composants électroniques |
|
PI49FCT3807 Fiches technique(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI49FCT3807 Fiches technique(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() PI49FCT3807 3.3V Fast CMOS Clock Driver 7 PS7010D 09/08/04 Ordering Information Ordering Code Package Code Speed Grade Package Desciption PI49FCT3807S S Blank 20-pin, 300-mil SOIC PI49FCT3807SE S Blank Pb-free & Green, 20-pin, 300-mil SOIC PI49FCT3807Q Q Blank 20-pin, 150-mil QSOP PI49FCT3807QE Q Blank Pb-free & Green, 20-pin, 150-mil QSOP PI49FCT3807H H Blank 20-pin, 209-mil SSOP PI49FCT3807HE H Blank Pb-free & Green, 20-pin, 209-mil SSOP PI49FCT3807AS S A 20-pin, 300-mil SOIC PI49FCT3807ASE S A Pb-free & Green, 20-pin, 300-mil SOIC PI49FCT3807AQ Q A 20-pin, 150-mil QSOP PI49FCT3807AQE Q A Pb-free & Green, 20-pin, 150-mil QSOP PI49FCT3807AH H A 20-pin, 209-mil SSOP PI49FCT3807AHE H A Pb-free & Green, 20-pin, 209-mil SSOP PI49FCT3807BS S B 20-pin, 300-mil SOIC PI49FCT3807BSE S B Pb-free & Green, 20-pin, 300-mil SOIC PI49FCT3807BQ Q B 20-pin, 150-mil QSOP PI49FCT3807BQE Q B Pb-free & Green, 20-pin, 150-mil QSOP PI49FCT3807BH H B 20-pin, 209-mil SSOP PI49FCT3807BHE H B Pb-free & Green, 20-pin, 209-mil SSOP PI49FCT3807CS S C 20-pin, 300-mil SOIC PI49FCT3807CSE S C Pb-free & Green, 20-pin, 300-mil SOIC PI49FCT3807CQ Q C 20-pin, 150-mil QSOP PI49FCT3807CQE Q C Pb-free & Green, 20-pin, 150-mil QSOP PI49FCT3807CH H C 20-pin, 209-mil SSOP PI49FCT3807CHE H C Pb-free & Green, 20-pin, 209-mil SSOP Notes: 1. Thermal Characteristics can be found on the web at www.pericom.com/packaging/ Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com |