Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1606E/2K Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce PCM1606E/2K
Description  24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1606E/2K Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM1606E/2K Datasheet HTML 5Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 6Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 7Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 8Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 9Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 10Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 11Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 12Page - Burr-Brown (TI) PCM1606E/2K Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PCM1606
SLES014B – OCTOBER 2001 – REVISED AUGUST 2002
9
www.ti.com
timing requirements (continued)
t(BCKH)
Bit Clock Pulse
Cycle Time†
BCK
t(BCKL)
2.0 V
0.8 V
PARAMETERS
MIN
MAX
UNIT
t(BCKH)
Bit clock pulse duration HIGH
10
ns
t(BCKL)
Bit clock pulse duration LOW
10
ns
† 1/128 fS, 1/256 fS, and 1/512 fS.
Figure 4. Bit Clock Timing for TDM Format
DATA1
t(BCH)
1.4 V
1.4 V
1.4 V
BCK
LRCK
t(BCL)
t(LB)
t(BCY)
tsu(D)
th(D)
t(BL)
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
20
ns
t(BCH)
BCK high-level time
10
ns
t(BCL)
BCK low-level time
10
ns
t(BL)
BCK rising edge to LRCK edge
7
ns
t(LB)
LRCK falling edge to BCK rising edge
7
ns
tsu(D)
DATA setup time
7
ns
th(D)
DATA hold time
7
ns
Figure 5. Audio Interface Timing for TDM Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27