| Moteur de recherche de fiches techniques de composants électroniques |
|
MAC7101CVF Fiches technique(PDF) 36 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101CVF Fiches technique(HTML) 36 Page - Motorola, Inc |
|
36 / 48 page ![]() 36 MAC7100 Microcontroller Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Device Pin Assignments 4 Device Pin Assignments The MAC7100 Family is available in 208-pin ball grid array (MAP BGA), 144-pin low profile quad flat (LQFP), 112-pin LQFP, and 100-pin LQFP package options. The family of devices offer pin-compatible packaged devices to assist with system development and accommodate a direct application enhancement path. Refer to Table 1 for a comparison of the peripheral sets and package options for each device. Most pins perform two or more functions, which is described in more detail in the MAC7100 Microcontroller Family Reference Manual (MAC7100RM/D). Figure 15, Figure 16, Figure 17, Figure 18, and Figure 19 show the pin assignments for the various packages. 4.1 MAC7141PV Pin Assignments Figure 15. Pin Assignments for MAC7141 in 100-pin LQFP PG4 PG5 PG6 PG7 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PB8 PF15 PF14 PF13 PF12 PF11 PF10 PF9 PF8 PF7 PB11 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 MAC7141 100 LQFP 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 PE9 PE8 PE7 PE6 PE5 PE4 PE3 PE2 PE1 PE0 PA7 PA8 PA9 VDDX VSSX PD4 PD3 CLKOUT PB15 PB14 PB13 PB10 PB9 PB12 / / / / / / / / / / / / / / / / / / / / / / SS_A PCSS_A VSSX VDDX N/C / / CNTX_A CNRX_A CNTX_B CNRX_B SDA SCL SIN_A SOUT_A SCK_A PCS0_A PCS1_A PCS2_A PCS5_A eMIOS15 eMIOS14 eMIOS13 eMIOS12 eMIOS11 eMIOS10 eMIOS9 eMIOS8 eMIOS7 / PCS2_B / AN9_A / AN8_A / AN7_A / AN6_A / AN5_A / AN4_A / AN3_A / AN2_A / AN1_A / AN0_A / IRQ / XIRQ / SIN_B / SOUT_B / SCK_B / PCS5_B / PCS0_B / PCS1_B / RDY' / MSEO' / MDO1' / MDO0' / EVTI' / EVTO' / MCKO' / XCLKS / PCSS_B / SS_B Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |