| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9B360R Fiches technique(PDF) 12 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360R Fiches technique(HTML) 12 Page - Cypress Semiconductor |
|
12 / 166 page ![]() Document Number: 002-04872 Rev.*A Page 12 of 166 MB9B360R Series FPT-100P-M36 (TOP VIEW) Note: The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. P51/RTS4_0/BIN0_2/RTO11_0/INT01_0/MADATA01_0 81 50 P22/CROUT_0/AN16/TIOB7_1/SOT0_0/ZIN1_1 P52/SCK4_0/ZIN0_2/RTO12_0/MADATA02_0 82 49 P23/AN15/TIOA7_1/SCK0_0/RTO00_1/MAD22_0 P53/TIOA1_2/SOT4_0/RTO13_0/MADATA03_0 83 48 P1E/AN14/ADTG_5/FRCK0_1/MAD21_0 P54/TIOB1_2/SIN4_0/RTO14_0/INT02_0/MADATA04_0 84 47 P1D/AN13/RTS4_1/DTTI0X_1/MAD20_0 P55/ADTG_1/SIN6_0/RTO15_0/INT07_2/MADATA05_0 85 46 P1C/AN12/CTS4_1/IC03_1/MAD19_0 P56/SOT6_0/DTTI1X_0/INT08_2/MADATA06_0 86 45 P1B/AN11/SCK4_1/IC02_1/MAD18_0 P30/TIOB0_1/RTS4_2/INT15_2/WKUP1/MADATA07_0 87 44 P1A/AN10/SOT4_1/IC01_1/MAD17_0 P31/TIOB1_1/SIN3_1/INT09_2/MADATA08_0 88 43 P19/AN09/SIN4_1/IC00_1/INT05_1/MAD16_0 P32/TIOB2_1/SOT3_1/INT10_1/MADATA09_0 89 42 P18/AN08/SCK2_2/MAD15_0 P33/ADTG_6/TIOB3_1/SCK3_1/INT04_0/MADATA10_0 90 41 AVRH P34/TIOB4_1/FRCK0_0/MADATA11_0 91 40 AVRL P35/TIOB5_1/IC03_0/INT08_1/MADATA12_0 92 39 AVSS P36/SIN5_2/IC02_0/INT09_1/MADATA13_0 93 38 AVCC P37/SOT5_2/IC01_0/INT05_2/MADATA14_0 94 37 P17/AN07/SOT2_2/WKUP3/MAD14_0 P38/SCK5_2/IC00_0/INT06_2/MADATA15_0 95 36 P16/AN06/SIN2_2/INT14_1/MAD13_0 P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2/MSDCLK_0 96 35 P15/AN05/SCK0_1/MAD12_0 P3A/TIOA0_1/AIN0_0/RTO00_0/MSDCKE_0 97 34 P14/AN04/SOT0_1/IC03_2/MAD11_0 P3B/TIOA1_1/BIN0_0/RTO01_0/MRASX_0 98 33 P13/AN03/SIN0_1/IC02_2/INT03_1/MAD10_0 P3C/TIOA2_1/ZIN0_0/RTO02_0/MCASX_0 99 32 P12/AN02/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1/MAD09_0 P3D/TIOA3_1/RTO03_0/MAD00_0 100 31 P11/AN01/SOT1_1/IC00_2/MAD08_0 QFP - 100 |