Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC7100MPV Fiches technique(PDF) 26 Page - Motorola, Inc

No de pièce MAC7100MPV
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100MPV Fiches technique(HTML) 26 Page - Motorola, Inc

Back Button MAC7100MPV Datasheet HTML 22Page - Motorola, Inc MAC7100MPV Datasheet HTML 23Page - Motorola, Inc MAC7100MPV Datasheet HTML 24Page - Motorola, Inc MAC7100MPV Datasheet HTML 25Page - Motorola, Inc MAC7100MPV Datasheet HTML 26Page - Motorola, Inc MAC7100MPV Datasheet HTML 27Page - Motorola, Inc MAC7100MPV Datasheet HTML 28Page - Motorola, Inc MAC7100MPV Datasheet HTML 29Page - Motorola, Inc MAC7100MPV Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
Figure 9. ATD Accuracy Definitions
NOTE
Figure 8 shows only definitions, for specification values refer to Table 27.
0x3FF
0x3FE
0x3FD
0x3FC
0x3FB
0x3FA
0x3F9
0x3F8
0x3F7
0x3F6
0x3F5
0x3F4
0x3F3
9
8
7
6
5
4
3
2
1
0
0
10203040 50
5055 5065 5075 5085 5095 5105 5115
5060 5070 5080 5090 5100 5110
5120
5
152535
1
2
0xFD
0xFE
0xFF
10-bit Absolute Error Boundary
Ideal Transfer Curve
8-bit Transfer Curve
10-bit Transfer Curve
8-bit Absolute Error Boundary
LSB
DNL
VI–1
VI
VIN
mV
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48