| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC875EC Fiches technique(PDF) 79 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC875EC Fiches technique(HTML) 79 Page - Freescale Semiconductor, Inc |
|
79 / 84 page ![]() MPC875/MPC870 Hardware Specifications, Rev. 3.0 79 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Freescale Semiconductor Mechanical Data and Ordering Information PE17 TIN3 CLK5 BRGO3 SMSYN1 MII2-TXD2 T8 Bidirectional (Optional: open-drain) PE16 L1RCLKB CLK6 MII2-TXCLK RMII2-REFCLK U6 Bidirectional (Optional: open-drain) PE15 TGATE1 MII2-TXD1 RMII2-TXD1 T7 Bidirectional PE14 MII2-TXD0 RMII2-TXD0 P8 Bidirectional TMS T14 Input (5-V tolerant) TDI DSDI T13 Input (5-V tolerant) TCK DSCK R13 Input (5-V tolerant) TRST U14 Input (5-V tolerant) TDO DSDO P13 Output (5-V tolerant) MII1_CRS U10 Input MII_MDIO M13 Bidirectional (5-V tolerant) MII1_TX_EN RMII1_TX_EN U5 Output (5-V tolerant) MII1_COL R10 Input VSSSYN E5 PLL analog GND VSSSYN1 F6 PLL analog GND VDDSYN E6 PLL analog VDD GND H8, H9, H10, H11, J8, J9, J10, J11, K8, K9, K10, K11, L8, L9, L10, L11, U15 Power VDDL F7, F8, F9, F10, F11, H6, H13, J6, J13, K6, K13, L6, L13, N7, N8, N9, N10, N11 Power Table 36. Pin Assignments—JEDEC Standard (continued) Name Pin Number Type |