Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC870 Fiches technique(PDF) 79 Page - Freescale Semiconductor, Inc

No de pièce MPC870
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC870 Fiches technique(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC870 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC870 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
79
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Mechanical Data and Ordering Information
PE17
TIN3
CLK5
BRGO3
SMSYN1
MII2-TXD2
T8
Bidirectional
(Optional: open-drain)
PE16
L1RCLKB
CLK6
MII2-TXCLK
RMII2-REFCLK
U6
Bidirectional
(Optional: open-drain)
PE15
TGATE1
MII2-TXD1
RMII2-TXD1
T7
Bidirectional
PE14
MII2-TXD0
RMII2-TXD0
P8
Bidirectional
TMS
T14
Input
(5-V tolerant)
TDI
DSDI
T13
Input
(5-V tolerant)
TCK
DSCK
R13
Input
(5-V tolerant)
TRST
U14
Input
(5-V tolerant)
TDO
DSDO
P13
Output
(5-V tolerant)
MII1_CRS
U10
Input
MII_MDIO
M13
Bidirectional
(5-V tolerant)
MII1_TX_EN
RMII1_TX_EN
U5
Output
(5-V tolerant)
MII1_COL
R10
Input
VSSSYN
E5
PLL analog GND
VSSSYN1
F6
PLL analog GND
VDDSYN
E6
PLL analog VDD
GND
H8, H9, H10, H11, J8, J9, J10, J11, K8, K9, K10, K11, L8, L9, L10,
L11, U15
Power
VDDL
F7, F8, F9, F10, F11, H6, H13, J6, J13, K6, K13, L6, L13, N7, N8,
N9, N10, N11
Power
Table 36. Pin Assignments—JEDEC Standard (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84