| Moteur de recherche de fiches techniques de composants électroniques |
|
LM4900MM Fiches technique(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4900MM Fiches technique(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 19 page ![]() Application Information (Continued) POWER SUPPLY BYPASSING As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection. The capacitor location on both the bypass and power supply pins should be as close to the device as possible. The effect of a larger half supply bypass capacitor is improved PSRR due to increased half-supply stability. Typical applications employ a 5V regulator with 10µF and a 0.1µF bypass capacitors which aid in supply stability, but do not eliminate the need for bypassing the supply nodes of the LM4900. The selection of bypass capacitors, especially C B, is thus dependent upon desired PSRR requirements, click and pop performance as explained in the section, Proper Selection of External Components, system cost, and size constraints. SHUTDOWN FUNCTION In order to reduce power consumption while not in use, the LM4900 contains a shutdown pin to externally turn off the amplifier’s bias circuitry. This shutdown feature turns the amplifier off when a logic high is placed on the shutdown pin. The trigger point between a logic low and logic high level is typically half supply. It is best to switch between ground and supply to provide maximum device performance. By switch- ing the shutdown pin to V DD, the LM4900 supply current draw will be minimized in idle mode. While the device will be disabled with shutdown pin voltages less than V DD, the idle current may be greater than the typical value of 0.1µA. In either case, the shutdown pin should be tied to a definite voltage to avoid unwanted state changes. In many applications, a microcontroller or microprocessor output is used to control the shutdown circuitry which pro- vides a quick, smooth transition into shutdown. Another so- lution is to use a single-pole, single-throw switch in conjunc- tion with an external pull-up resistor. When the switch is closed, the shutdown pin is connected to ground and en- ables the amplifier. If the switch is open, then the external pull-up resistor will disable the LM4900. This scheme guar- antees that the shutdown pin will not float, thus preventing unwanted state changes. PROPER SELECTION OF EXTERNAL COMPONENTS Proper selection of external components in applications us- ing integrated power amplifiers is critical to optimize device and system performance. While the LM4900 is tolerant to a variety of external component combinations, consideration to component values must be used to maximize overall system quality. The LM4900 is unity-gain stable, giving a designer maximum system flexibility. The LM4900 should be used in low gain configurations to minimize THD+N values, and maximize the signal to noise ratio. Low gain configurations require large input signals to obtain a given output power. Input signals equal to or greater than 1 Vrms are available from sources such as audio codecs. Please refer to the section, Audio Power Amplifier Design, for a more complete explanation of proper gain selection. Besides gain, one of the major considerations is the closed-loop bandwidth of the amplifier. To a large extent, the bandwidth is dictated by the choice of external components shown in Figure 1. The input coupling capacitor, C i, forms a first order high pass filter which limits low frequency re- sponse. This value should be chosen based on needed frequency response for a few distinct reasons. Selection of Input Capacitor Size Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is needed to couple in low frequencies without severe attenu- ation. But in many cases the speakers used in portable systems, whether internal or external, have little ability to reproduce signals below 150Hz. In this case using a large input capacitor may not increase system performance. In addition to system cost and size, click and pop perfor- mance is effected by the size of the input coupling capacitor, C i. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally 1⁄2 V DD). This charge comes from the output via the feedback and is apt to create pops upon device enable. Thus, by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be minimized. Besides minimizing the input capacitor size, careful consid- eration should be paid to the bypass capacitor value. Bypass capacitor, C B, is the most critical component to minimize turn-on pops since it determines how fast the LM4900 turns on. The slower the LM4900’s outputs ramp to their quiescent DC voltage (nominally 1⁄2 V DD), the smaller the turn-on pop. Choosing C B equal to 1.0 µF along with a small value of Ci (in the range of 0.1µF to 0.39µF), should produce a clickless and popless shutdown function. While the device will func- tion properly, (no oscillations or motorboating), with C B equal to 0.1µF, the device will be much more susceptible to turn-on clicks and pops. Thus, a value of C B equal to 1.0µF or larger is recommended in all but the most cost sensitive designs. AUDIO POWER AMPLIFIER DESIGN Design a 300 mW/8 Ω Audio Amplifier Given: Power Output 300mWrms Load Impedance 8 Ω Input Level 1Vrms Input Impedance 20k Ω Bandwidth 100Hz–20 kHz ± 0.25dB A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating from the Output Power vs Supply Voltage graphs in the Typical Per- formance Characteristics section, the supply rail can be easily found. A second way to determine the minimum sup- ply rail is to calculate the required V opeak using Equation 4 and add the dropout voltage. Using this method, the mini- mum supply voltage would be (V opeak +(2*VOD)), where V OD is extrapolated from the Dropout Voltage vs Supply Voltage curve in the Typical Performance Characteristics section. (4) Using the Output Power vs Supply Voltage graph for an 8 Ω load, the minimum supply rail is 3.5V. But since 5V is a standard supply voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates headroom that allows the LM4900 to reproduce peaks in excess of 700 mW without producing audible distortion. At this time, the de- signer must make sure that the power supply choice along with the output impedance does not violate the conditions explained in the Power Dissipation section. Once the power dissipation equations have been addressed, the required differential gain can be determined from Equa- tion 5. www.national.com 14 |